Part Number Hot Search : 
ST9028 B0312AT1 2SD2053Q SPD6557 MSK640 SMCJ20 23T1A C339G
Product Description
Full Text Search
 

To Download 4608H-702-332271L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features low noise termination for cmos combined resistors and capacitors in sip package saves space reduced insertion time insulation resistance testing for reliability pin counts from 4 to 16 available rohs compliant* for information on rc terminators, download bourns?rc terminator networks application note. 700 series - rc terminator networks *rohs directive 2002/95/ec jan 27, 2003 including annex. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. electrical characteristics - resistors standard resistance range, 5 % tolerance ............................22 ohms to 470k ohms operating voltage ................................................................................ 50 volts maximum electrical characteristics - capacitors capacitance range ...........................................................................39 pf to 47,000 pf capacitance range ................................................................. 470 pf to 47,000 pf x7r capacitance range ........................................................................ 39 pf to 470 pf npo capacitance tolerance ...........................................................................................20 % operating temperature ...........................................................................-30 c to +85 c voltage rating ......................................................................................................50 volts physical characteristics flammability .................................................................................. conforms to ul94v-0 lead frame material .....................................................................copper, solder coated body material ...........................................................................................conformal coat product dimensions 1 8 702 1 9 1 10 701 no. of lines bourns p/n package 7 4608h-701-rc/ccl high pro? le conformal sip 8 4609h-701-rc/ccl 9 4610h-701-rc/ccl no. of lines bourns p/n package 8 4610h-702-rc/ccl high pro? le conformal sip typical part marking a maximum pin #1 ref. governing dimensions are metric. dimensions in parentheses are inches and are approximate. **terminal centerline to centerline measurements made at point of emergence of the lead from the body. 8.5 (.335) max. 1.24 (.049) max. both ends .508 .050 (.020 .002) typ. 2.54 .07 (.100 .003** ) typ. non-accum. 3.81 (.150) max. .254 .050 (.010 .002) typ. 3.0 ~ 3.8 (.118 ~ 0.15) pin a maximum count mm (inches) 4 10.11 (.398) 5 12.65 (.498) 6 15.19 (.598) 7 17.73 (.698) 8 20.27 (.798) 9 22.81 (.898) 10 25.35 (.998) 11 27.89 (1.098) 12 30.43 (1.198) 13 32.97 (1.298) 14 35.51 (1.398) 15 38.04 (1.498) 16 40.59 (1.598) *rohs compliant electrical configuration ?1 = single termination ?2 = double termination resistance code*** pin one indicator model ?7 = 700 series capacitance code*** ***see standard marking, values and codes tables. 7 1 j f
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. 700 series - rc terminator networks rev. 03/11 standard resistance values and codes additional features prevents bus lines and control signals from oating to unde ned logic levels. optimizes signal transmission in high performance systems through proper termination. eliminates overshoot and ringing, increases noise immunity, minimizes signal distortion, and lowers emi/rfi radiation. minimizes space and routing problems, and reduces manufacturing cost per installed resistive function. increases board yields and reliability by reducing component count. standard capacitance values and codes capacitance marking capacitance capacitance marking capacitance code code code code 39pf a 390 1000 pf r 102 47 b 470 1200 s 122 56 c 560 1500 t 152 68 d 680 1800 u 182 82 e 820 2200 v 222 100 f 101 2700 w 272 120 g 121 3300 x 332 150 h 151 3900 y 392 180 i 181 4700 z 472 220 j 221 5600 a1 562 270 k 271 6800 a2 682 330 l 331 8200 a3 822 390 m 391 .010 f a4 103 470 n 471 .012 a5 123 560 o 561 .015 a6 153 680 p 681 .018 a7 183 820 q 821 .022 a8 223 .027 a9 273 .033 b1 333 .039 b2 393 .047 b3 473 how to order rc terminator networks 46 08 h - 701 - rc/cc l model terminations (46 = conformal l = lead free sip) (sn/ag/cu-plated) number of pins resistance/  4 to 16 capacitance code  first 2 digits are signi? cant physical  third digit con? guration represents the (h = high pro? le) number of zeros to follow electrical con? guration  701 = single termination  702 = double termination values not appearing in above tables are available to optimize system performance. contact bourns networks to inquire. resistance marking resistance resistance marking resistance (ohms) code code (ohms) code code 22 a 220 2,700 a3 272 27 b 270 3,300 a4 332 33 c 330 3,900 a5 392 39 d 390 5,600 a6 562 47 e 470 6,800 a7 682 50 f 500 8,200 a8 822 56 g 560 10,000 a9 103 68 h 680 12,000 b1 123 75 i 750 15,000 b2 153 82 j 820 18,000 b3 183 100 k 101 20,000 b4 203 120 l 121 22,000 b5 223 150 m 151 27,000 b6 273 180 n 181 33,000 b7 333 220 o 221 39,000 b8 393 270 p 271 47,000 b9 473 330 q 331 56,000 c1 563 390 r 391 68,000 c2 683 470 s 471 82,000 c3 823 560 t 561 100,000 c4 104 680 u 681 120,000 c5 124 820 v 821 150,000 c6 154 1,000 w 102 180,000 c7 184 1,200 x 122 220,000 c8 224 1,500 y 152 270,000 c9 274 1,800 z 182 330,000 d1 334 2,000 a1 202 390,000 d2 394 2,200 a2 222 470,000 d3 474


▲Up To Search▲   

 
Price & Availability of 4608H-702-332271L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X